Part Number Hot Search : 
MICON MRF174 7809A SKY65 WS108 KE200 WS108 4004AT
Product Description
Full Text Search
 

To Download MC100E241-D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2002 january, 2002 rev. 0 1 publication order number: mc100e241/d mc100e241 5vecl 8bit scannable register the mc100e241 is an 8-bit shiftable register. unlike a standard universal shift register such as the e141, the e241 features internal data feedback organized so that the shift control overrides the hold/load control. this enables the normal operations of hold and load to be toggled with a single control line without the need for external gating. it also enables switching to scan mode with the single shift control line. the eight inputs d 0 d 7 accept parallel input data, while s-in accepts serial input data when in shift mode. data is accepted a set-up time before the positive-going edge of clk; shifting is also accomplished on the positive clock edge. a high on the master reset pin (mr) asynchronously resets all the registers to zero. the 100 series contains temperature compensation. ? shift overrides hold/load control ? 1000 ps max. clk to q ? asynchronous master reset ? pin-compatible with e141 ? pecl mode operating range: v cc = 4.2 v to 5.7 v with v ee = 0 v ? necl mode operating range: v cc = 0 v with v ee = 4.2 v to 5.7 v ? internal input pulldown resistors ? meets or exceeds jedec spec eia/jesd78 ic latchup test ? esd protection: > 1 kv hbm, > 75 v mm ? moisture sensitivity level 1 for additional information, see application note and8003/d ? flammability rating: ul 94 code v0 @ 1/8 , oxygen index 28 to 34 ? transistor count = 529 devices http://onsemi.com device package shipping ordering information mc100e241fn plcc28 37 units/rail mc100e241fnr2 plcc28 500 units/reel marking diagram a = assembly location wl = wafer lot yy = year ww = work week plcc28 fn suffix case 776 mc100e241fn awlyyww 1 28
figure 2. logic diagram q 0 q 1 q 6 q 7 s-in d 0 d 1 d 6 d 7 hold/load shift clk mr bits 1-6 d d d q q q r r r 1 0 1 0 1 0 1 0 1 0 1 0 mc100e241 http://onsemi.com 2 warning: all v cc , v cco , and v ee pins must be externally connected to power supply to guarantee proper operation. sel1 clk mr v ee s-in d 0 d 1 26 27 28 2 3 4 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 567 8910 sel0 nc d 7 d 6 d 5 v cco q 7 q 6 q 5 v cc nc v cco q 4 q 3 d 2 d 3 d 4 v cco q 0 q 1 q 2 1 pinout: 28-lead plcc (top view) * all v cc and v cco pins are tied together on the die. figure 1. pinout assignment pin description pin function d 0 d 7 ecl parallel date inputs s-in ecl serial data inputs sel0 ecl shift control sel1 ecl hold/load control clk ecl clock mr ecl master reset q 0 q 7 ecl data outputs v cc , v cco positive supply v ee negative supply nc no connect function table mr sel0 sel1 function 1 x x outputs low 0 1 x shift data 0 0 1 hold data 0 0 0 load data x = don't care
mc100e241 http://onsemi.com 3 maximum ratings (note 1) symbol parameter condition 1 condition 2 rating units v cc pecl mode power supply v ee = 0 v 8 v v ee necl mode power supply v cc = 0 v 8 v v i pecl mode input voltage v ee = 0 v v i v cc 6 v i c ode u o age necl mode input voltage ee 0 v cc = 0 v i cc v i v ee 6 6 v i out output current continuous surge 50 100 ma ma ta operating temperature range 0 to +85 c t stg storage temperature range 65 to +150 c q ja thermal resistance (junctiontoambient) 0 lfpm 500 lfpm 28 plcc 28 plcc 63.5 43.5 c/w c/w q jc thermal resistance (junctiontocase) std bd 28 plcc 22 to 26 c/w v ee pecl operating range necl operating range 4.2 to 5.7 5.7 to 4.2 v v t sol wave solder < 2 to 3 sec @ 248 c 265 c 1. maximum ratings are those values beyond which device damage may occur. 100e series pecl dc characteristics v ccx = 5.0 v; v ee = 0.0 v (note 2) 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 125 150 125 150 144 173 ma v oh output high voltage (note 3) 3975 4050 4120 3975 4050 4120 3975 4050 4120 mv v ol output low voltage (note 3) 3190 3295 3380 3190 3255 3380 3190 3260 3380 mv v ih input high voltage 3835 4050 4120 3835 4120 4120 3835 4120 4120 mv v il input low voltage 3190 3300 3525 3190 3525 3525 3190 3525 3525 mv i ih input high current 150 150 150 m a i il input low current 0.5 0.3 0.5 0.25 0.5 0.2 m a note: devices are designed to meet the dc specifications shown in the above table, after thermal equilibrium has been establishe d. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 2. input and output parameters vary 1:1 with v cc . v ee can vary +0.46 v / 0.8 v. 3. outputs are terminated through a 50 w resistor to v cc 2.0 v. 100e series necl dc characteristics v ccx = 0.0 v; v ee = 5.0 v (note 4) 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit i ee power supply current 125 150 125 150 144 173 ma v oh output high voltage 1025 950 880 1025 950 880 1025 950 880 mv v ol output low voltage 1810 1705 1620 1810 1745 1620 1810 1740 1620 mv v ih input high voltage (singleended) 1165 950 880 1165 880 880 1165 880 880 mv v il input low voltage (singleended) 1810 1700 1475 1810 1475 1475 1810 1475 1475 mv i ih input high current 150 150 150 m a i il input low current 0.5 0.3 0.5 0.25 0.5 0.2 m a note: devices are designed to meet the dc specifications shown in the above table, after thermal equilibrium has been establishe d. the circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 4. input and output parameters vary 1:1 with v cc . v ee can vary +0.46 v / 0.8 v. 5. outputs are terminated through a 50 w resistor to v cc 2.0 v.
mc100e241 http://onsemi.com 4 ac characteristics v ccx = 5.0 v; v ee = 0.0 v or v ccx = 0.0 v; v ee = 5.0 v (note 6) 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max unit f max maximum toggle frequency tbd tbd tbd ghz f shift max. shift frequency 700 900 700 900 700 900 mhz t plh propagation delay to output ps t phl clk 625 750 975 625 750 975 625 750 975 mr 600 725 975 600 725 975 600 725 975 t s setup time ps d 175 25 175 25 175 25 sel0 (shift) 350 200 350 200 350 200 sel1 (hold/load ) 400 250 400 250 400 250 s-in 125 100 125 100 125 100 t h hold time ps d 200 25 200 25 200 25 sel0 (shift) 100 200 100 200 100 200 sel1 (hold/load ) 50 250 50 250 50 250 s-in 300 100 300 100 300 100 t rr reset recovery time 900 600 900 600 900 600 ps t pw minimum pulse width ps clk, mr 400 400 400 t skew within-device skew (note 7) 60 60 60 ps t jitter cycletocycle jitter tbd tbd tbd ps t r rise/fall times ps t f (20 - 80%) 300 525 800 300 525 800 300 525 800 6. 100 series: v ee can vary +0.46 v / 0.8 v. 7. within-device skew is defined as identical transitions on similar paths through a device. q d d q driver device receiver device 50 w 50 w v tt typical termination for output driver and device evaluation (see application note and8020 termination of ecl logic devices.) v tt = v cc 2.0 v
mc100e241 http://onsemi.com 5 resource reference of application notes an1404 eclinps circuit performance at nonstandard v ih levels an1405 ecl clock distribution techniques an1406 designing with pecl (ecl at +5.0 v) an1503 eclinps i/o spice modeling kit an1504 metastability and the eclinps family an1568 interfacing between lvds and ecl an1596 eclinps lite translator elt family spice i/o model kit an1650 using wireor ties in eclinps designs an1672 the ecl translator guide and8001 odd number counters design and8002 marking and date codes and8020 termination of ecl logic devices
mc100e241 http://onsemi.com 6 package dimensions plcc28 fn suffix plastic plcc package case 77602 issue e 0.007 (0.180) tl -m s n s m 0.007 (0.180) tl -m s n s m 0.007 (0.180) tl -m s n s m 0.010 (0.250) tl -m s n s s 0.007 (0.180) tl -m s n s m 0.010 (0.250) tl -m s n s s 0.007 (0.180) tl -m s n s m 0.007 (0.180) tl -m s n s m 0.004 (0.100) seating plane -t- 12.32 12.32 4.20 2.29 0.33 0.66 0.51 0.64 11.43 11.43 1.07 1.07 1.07 2 10.42 1.02 12.57 12.57 4.57 2.79 0.48 0.81 11.58 11.58 1.21 1.21 1.42 0.50 10 10.92  1.27 bsc a b c e f g h j k r u v w x y z g1 k1 min min max max inches millimeters dim notes: 1. datums l, m, and n determined where top of lead shoulder exits plastic body at mold parting line. 2. dim g1, true position to be measured at datum t, seating plane. 3. dim r and u do not include mold flash. allowable mold flash is 0.010 (0.250) per side. 4. dimensioning and tolerancing per ansi y14.5m, 1982. 5. controlling dimension: inch. 6. the package top may be smaller than the package bottom by up to 0.012 (0.300). dimensions r and u are determined at the outermost extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs and interlead flash, but including any mismatch between the top and bottom of the plastic body. 7. dimension h does not include dambar protrusion or intrusion. the dambar protrusion(s) shall not cause the h dimension to be greater than 0.037 (0.940). the dambar intrusion(s) shall not cause the h dimension to be smaller than 0.025 (0.635). view s b u z g1 x view d-d h k f view s g c z a r e j 0.485 0.485 0.165 0.090 0.013 0.026 0.020 0.025 0.450 0.450 0.042 0.042 0.042 2 0.410 0.040 0.495 0.495 0.180 0.110 0.019 0.032 0.456 0.456 0.048 0.048 0.056 0.020 10 0.430  0.050 bsc -n- y brk d d w -m- -l- 28 1 v g1 k1
mc100e241 http://onsemi.com 7 notes
mc100e241 http://onsemi.com 8 on semiconductor and are trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. atypicalo parameters which may be provided in scill c data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including atypicalso must be validated for each customer application by customer's technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body , or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. publication ordering information japan : on semiconductor, japan customer focus center 4321 nishigotanda, shinagawaku, tokyo, japan 1410031 phone : 81357402700 email : r14525@onsemi.com on semiconductor website : http://onsemi.com for additional information, please contact your local sales representative. mc100e241/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 3036752175 or 8003443860 toll free usa/canada fax : 3036752176 or 8003443867 toll free usa/canada email : onlit@hibbertco.com n. american technical support : 8002829855 toll free usa/canada


▲Up To Search▲   

 
Price & Availability of MC100E241-D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X